Part Number Hot Search : 
CERA44U LD1026 TDA3803A A7812 AD5252 1N5471A RB551 30007
Product Description
Full Text Search
 

To Download SKKT1912E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VRSM
VRRM (dv/dt)cr VDRM
ITRMS (maximum value for continuous operation) 40 A ITAV (sin. 180; Tcase = 60 C)
SEMIPACK(R) 1 Thyristor Modules SKKT 19 SKKT 20 SKKT 20B
V 700 900 1300 1500 1700
V 600 800 1200 1400 1600
V/s 500 500 1000 1000 1000 SKKT 19/06 D SKKT 19/08 D SKKT 19/12 E SKKT 19/14 E SKKT 19/16 E
25 A SKKT 20/06 D SKKT 20/08 D SKKT 20/12 E SKKT 20/14 E SKKT 20/16 E - SKKT 20B08 D SKKT 20B12 E SKKT 20B14 E SKKT 20B16 E
Symbol Conditions
ITAV ID IRMS ITSM i 2t tgd tgr (di/dt)cr tq IH IL VT VT(TO) rT IDD; IRD VGT IGT VGD IGD Rthjc sin. 180; Tcase = 60 C Tcase = 85 C B2/B6 Tamb = 45 C; P 3/180 Tamb = 35 C; P 3/180 F W1/W3 Tamb = 45 C; P 3/180 Tvj = 25 C; 10 ms Tvj = 125 C; 10 ms Tvj = 25 C; 8,3 ... 10 ms Tvj = 125 C; 8,3 ... 10 ms Tvj = 25 C; IG = 1 A diG/dt = 1 A/s VD = 0,67 . VDRM Tvj = 125 C Tvj = 125 C Tvj = 25 C; typ./max. Tvj = 25 C; RG = 33 ; typ./max. Tvj = 25 C; IT = 75 A Tvj = 125 C Tvj = 125 C Tvj = 125 C; VRD = VRRM VDD = VDRM Tvj = 25 C; d.c. Tvj = 25 C; d.c. Tvj = 125 C; d.c. Tvj = 125 C; d.c. cont. sin. 180 rec. 120 per thyristor / per module
SKKT 19
SKKT 20 Units SKKT 20B
A A A A A A A A2 s A2s s s A/s s mA mA V V m mA V mA V mA C/W C/W C/W C/W C C V~ Nm Nm m/s2 g
25 18 31 / 38 46 / 60 42 / 3 x 30 320 280 510 390 1 1 150 typ. 80 100 / 200 250 / 400 max. 2,3 1,0 16 max. 10 3 150 0,25 5 1,2 / 0,6 1,3 / 0,65 1,35 / 0,68 0,2 / 0,1 - 40 ... + 125 - 40 ... + 125 3600 / 3000 5 (44 lb. in.) + 15 %1) 3 (26 lb. in.) + 15 % 5 . 9,81 95 SKKT 19: A 5 SKKT 20: A 46 SKKT 20B: A 48
SKKT 19
SKKT 20 SKKT 20B
Features * Heat transfer through aluminium oxide ceramic isolated metal baseplate * Hard soldered joints for high reliability * UL recognized, file no. E 63 532 Typical Applications
* DC motor control (e.g. for
machine tools)
* AC motor soft starters * Temperature control (e.g. for
Rthch Tvj Tstg Visol M1 M2 a w Case a. c. 50 Hz; r.m.s; 1 s/1 min to heatsink SI (US) units to terminals approx.
ovens, chemical processes)
* Professional light dimming
(studios, theaters)
page B 1 - 95
1)
See the assembly instructions
(c) by SEMIKRON
0898
B 1 - 31
B 1 - 32
(c) by SEMIKRON
(c) by SEMIKRON
B 1 - 33
B 1 - 34
(c) by SEMIKRON
SKKT 19 . . . 105 Case A 5 SEMIPACK(R) 1 IEC 192-2: A 77 A JEDEC: TO-240 AA UL recognized, file no. E 63 532
SKKT 20/ . . . 106/ Case A 46 SEMIPACK(R) 1 IEC 192-2: A 77 A JEDEC: TO-240 AA
Dimensions in mm SKKH 26 . . . 105 Case A 6 SKKD 26 . . . 100 Case A 10
Dimensions in mm
SKNH 56 . . . 91 Case A 7
SKKE 81 Case A 12
SKKL 56 . . . 105 Case A 9
SKKH 27 . . . 106 Case A 47
SKND 46 . . . 81 Case A 19
SKKT 20 B . . . 106 B Case A 48
SKMT 92 Case A 72
SKKL 42 . . . 106 Case A 59
(c) by SEMIKRON
0898
B 1 - 95


▲Up To Search▲   

 
Price & Availability of SKKT1912E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X